Part Number Hot Search : 
00DIB 24128 BSS50A 12N15 PJSD05 D1546 R1020 MPC980
Product Description
Full Text Search
 

To Download ARS3505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 35A Automotive Rectifiers ARS3505 - ARS358
35A Automotive Rectifiers
Features
* * * * * Low leakage Low forward voltage drop High current capability High forward surge current capacity RoHS Compliance
ARS
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: ARS, molded plastic body Plastic package has UL flammability classification 94V-0 Plated slug, solderable per MIL-STD-202, Method 208C Color ring denotes cathode end 0.064 ounces, 1.82 grams
Maximum Ratings and Electrical Characteristics (T A=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current ARS 3505 50 35 50 ARS 351 100 70 100 ARS 352 200 140 200 35 ARS 354 400 280 400 ARS 356 600 420 600 ARS 358 800 560 800 Unit V V V A TC=110 C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF=35A TA=25 C TA=100 C Conditions
VRRM VRMS VDC IF(AV)
IFSM
500
A
VF IR
Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage
1.05 5.0 250
V A
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-TAITFAX (800)-824-8766 (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/AH 2008-02-16 Page 1 of 4
35A Automotive Rectifiers ARS3505 - ARS358
Symbol Description Typical Thermal Resistance Operating Junction and Storage Temperature Range Polarity and Voltage Demotion Color Band Red Yellow ARS 3505 ARS 351 ARS 352 1.0 -65 to +175 Silver Orange Green Blue ARS 354 ARS 356 ARS 358 Unit C / W C Conditions
RthJC
TJ, TSTG
Note: (1) Enough heatsink must be considered in application.
(2) Single phase, half wave, 60Hz, resistive or inductive load. (3) For capacitive load derate current by 20%.
Typical Characteristics Curves
Fig.1-Typical Forward Current Derating Curve
Fig.2-Max. Non-Repetitive Peak Forward Surge Current Peak Forward Surge Current (A)
Average Forward Current (A)
Case Temperature (C)
Number of Cycles at 60Hz
Rev. A/AH 2008-02-16 www.taitroncomponents.com Page 2 of 4
35A Automotive Rectifiers ARS3505 - ARS358
Fig.3- Typical Instantaneous Forward Characteristics
Instantaneous Forward Current (A)
Fig.4-Forward Power Dissipation
Instantaneous Forward Voltage (V) Average Forward Current (A)
Dimensions in inch (mm)
ARS
Rev. A/AH 2008-02-16 www.taitroncomponents.com Page 3 of 4
Average Power Dissipation (W)
35A Automotive Rectifiers ARS3505 - ARS358
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/AH 2008-02-16 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of ARS3505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X